PART |
Description |
Maker |
RE031NBSP RE031 |
A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated f From old datasheet system
|
Atmel corp
|
MC78PC18NTR MC78PC30NTR ON1776 MC78PC33NTR MC78PC2 |
From old datasheet system Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
http:// ONSEMI[ON Semiconductor]
|
NCV4276DT33RK NCV4276DS50 NCV4276DS18R4 |
Low-Drop Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.332 V DROPOUT, PSSO4 Low-Drop Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Low-Drop Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 2.772 V DROPOUT, PSSO5
|
ON Semiconductor
|
LX8584-XX LX8584-33CP LX8584 LX8584-33CV LX8584B-3 |
7 A LOW DROPOUT POSITIVE REGULATORS 7低压降的正调节器 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 2.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 Analog IC CAP 0.15UF 440VAC EMI SUPPRESSN From old datasheet system 7 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LX8213-12ISE LX8213-33ISE LX8213-00ISE |
Low Drop Out Regulator - Positive Adjustable; Package: SOT-23-5; IO (A): 0.4; VIN (V): 6; DV: 0.3; 1.2 V-5.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 Low Drop Out Regulator - Positive Fixed; Package: SOT-23-5; IO (A): 0.4; VIN (V): 6; DV: 0.3; VOUT (V): 1.224; 1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 300mA Low Noise CMOS LDO Regulator
|
Microsemi, Corp. Microsemi Corporation
|
ISL9000AIRJRZ ISL9000AIRJMZ ISL9000AIRJCZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9000AIRPLZ ISL9000AIRPPZ ISL9000AIRCJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil, Corp. Intersil Corporation
|
RE028 |
RE028 [Updated 3/03. 9 Pages] The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage. rated for loads up The RE028 is a Low Drop Out (LDO) voltage regulator macrocell with a fixed 4.5V output voltage, rated for loads up to 300 mA. It is designed to supply radio frequency synthesizers and used as a controller for the antenna switch.
|
Atmel
|
LX8384X-XX LX8384B-XXCP LX8384_84A_84B-00 LX8384_8 |
5A Low Dropout Positive Regulators 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 µP Supervisory with Manual Reset and Watchdog - Active-High Push/Pull, TH: 2.93V, SOT23 5-pin µP Supervisory with Manual Reset and Watchdog - Active-Low Open-Drain - TH: 2.93V, SOT23 5-pin 积极的固定电压稳压器 Quad Comparator Push/Pull Output, TSSOP-14 Analog IC Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
ISL9014AIRPPZ-T ISL9014AIRFDZ-T ISL9014AIRPLZ-T IS |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9011IRPPZ-T |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|